Part Number Hot Search : 
CM7206 SED15 2N1147C R3000 2415S BZ5245 AD580TH C560B
Product Description
Full Text Search
 

To Download IRF7467 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93883B
SMPS MOSFET
Applications l High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
l
IRF7467
HEXFET(R) Power MOSFET
VDSS
30V
RDS(on) max
12m
ID
11A
High Frequency Buck Converters for Computer Processor Power
A A D D D D
l
Benefits Ultra-Low Gate Impedance l Very Low RDS(on) at 4.5V VGS l Fully Characterized Avalanche Voltage and Current
S S S G
1
8 7
2
3
6
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ , TSTG
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
Max.
30 12 11 9.0 90 2.5 1.6 0.02 -55 to + 150
Units
V V A W W W/C C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
Notes through are on page 8
www.irf.com
1
3/25/01
IRF7467
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- --- Gate Threshold Voltage 0.6 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.029 9.4 10.6 17 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 12 VGS = 10V, ID = 11A 13.5 m VGS = 4.5V, ID = 9.0A 35 VGS = 2.8V, ID = 5.5A 2.0 V VDS = VGS, ID = 250A 20 VDS = 16V, VGS = 0V A 100 VDS = 16V, VGS = 0V, T J = 125C 200 VGS = 12V nA -200 VGS = -12V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 28 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 21 6.7 5.8 21 7.8 2.5 19 4.0 2530 706 46 Max. Units Conditions --- S VDS = 16V, ID = 9.0A 32 ID = 9.0A 10 nC VDS = 15V 8.7 VGS = 4.5V 29 VGS = 0V, VDS = 15V --- VDD = 15V, --- ID = 9.0A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 15V --- pF = 1.0MHz
Avalanche Characteristics
Parameter
EAS IAR Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
223 11
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Time Recovery Charge Recovery Time Recovery Charge
Min. Typ. Max. Units --- --- --- --- 2.3 A 90 1.3 --- 60 84 65 96 V ns nC ns nC
VSD trr Qrr trr Qrr
--- 0.79 --- 0.65 --- 40 --- 56 --- 43 --- 64
Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 9.0A, VGS = 0V TJ = 125C, IS = 9.0A, VGS = 0V TJ = 25C, IF = 9.0A, V R= 15V di/dt = 100A/s TJ = 125C, IF = 9.0A, VR=15V di/dt = 100A/s
2
www.irf.com
IRF7467
1000
VGS 15.0V 10.0V 4.50V 3.00V 2.70V 2.50V 2.25V BOTTOM 2.00V TOP
1000
VGS 15.0V 10.0V 4.50V 3.00V 2.70V 2.50V 2.25V BOTTOM 2.00V TOP
ID , Drain-to-Source Current (A)
100
ID , Drain-to-Source Current (A)
100
10
10
2.0V
1
1
2.0V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
20s PULSE WIDTH Tj = 150C
0.1 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
I D , Drain-to-Source Current (A)
TJ = 150 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 11A
1.5
10
TJ = 25 C
1.0
1
0.5
0.1 2.0
V DS = 15V 20s PULSE WIDTH 2.4 2.8 3.2 3.6
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7467
4000
3200
VGS , Gate-to-Source Voltage (V)
VGS = Ciss = Crss = Coss =
0V, f = 1MHz Cgs + Cgd , Cds SHORTED Cgd Cds + Cgd
10
ID = 9.0A VDS = 24V VDS = 15V
8
C, Capacitance (pF)
Ciss
2400
6
1600
4
Coss
800
2
Crss
0 1 10 100
0 0 8 16 24 32 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
TJ = 150 C
10
I D , Drain Current (A)
100 10us
100us 10 1ms
TJ = 25 C
1
0.1 0.3
V GS = 0 V
0.6 0.9 1.2 1.5 1.8 2.1
1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7467
12
VDS VGS RG
RD
10
D.U.T.
+
I D , Drain Current (A)
- VDD
8
10V
6
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
VDS 90%
2
0 25 50 75 100 125 150
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
100
D = 0.50
Thermal Response (Z thJA )
10
0.20 0.10 0.05
1
0.02 0.01 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 100
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7467
R DS ( on ) , Drain-to-Source On Resistance ( )
R DS(on) , Drain-to -Source On Resistance ( )
0.020 0.019 0.018 0.017 0.016 0.015 0.014 0.013 0.012 0.011 0.010 0 20 40 60 80 100 ID , Drain Current ( A ) VGS = 10V VGS = 4.5V
0.020
0.018
0.016
0.014
ID = 11A
0.012
0.010 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
600
EAS , Single Pulse Avalanche Energy (mJ)
VG
VGS
3mA
TOP
500
Charge
IG ID
BOTTOM
ID 4.0A 7.2A 9.0A
Current Sampling Resistors
400
Fig 14a&b. Basic Gate Charge Test Circuit and Waveform
300
200
15V
V (B R )D S S tp VD S L DRIVER
100
RG 20 V IAS tp
D.U .T IA S 0.0 1
+ V - DD
0 25 50 75 100 125 150
A
Starting TJ , Junction Temperature ( C)
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF7467
SO-8 Package Details
D -B -
D IM
5
IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157
M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A
6 5 H 0.2 5 (.0 10 ) M AM
5
8 E -A -
7
A1 B C D E e e1 H K
0 .10 (.00 4) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 45
.050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8
1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8
-CB 8X 0 .25 (.01 0) A1 M CASBS
L
R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X
N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE..
6 .46 ( .25 5 )
1 .78 (.07 0) 8X
1.27 ( .0 50 ) 3X
SO-8 Part Marking
www.irf.com
7
IRF7467
SO-8 Tape and Reel
TER M IN AL N UM B ER 1
1 2.3 ( .484 ) 1 1.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
F EE D D IRE C TIO N
N OT E S : 1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R . 2 . AL L DIM E NS ION S ARE SHO W N IN M ILL IM E TER S (INC HE S ). 3 . OU TL IN E CO N FO RM S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.00 (12.992) M AX .
14.4 0 ( .566 ) 12.4 0 ( .488 ) N O T ES : 1 . CO NT RO LL ING D IM EN SIO N : M ILLIME TER . 2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. When mounted on 1 inch square copper board, t<10 sec
Starting TJ = 25C, L = 5.5mH
RG = 25, IAS = 9.0A.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 3/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7467

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X